PART |
Description |
Maker |
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
PIC16F16-E/P PIC16F16-E/PQTP PIC16F16-E/PSQTP PIC1 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATTINY15L-1PL ATTINY15L-1SL ATTINY15L-1SU ATTINY15 |
8-bit Microcontroller with 1K Byte Flash 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDSO8 0.200 INCH, PLASTIC, EIAJ, SOIC-8 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDIP8 0.300 INCH, PLASTIC, DIP-8
|
ATMEL Corporation Atmel, Corp.
|
ATTINY261-ESMAZ ATTINY261-ESSZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.50 MM PITCH, GREEN, MO-220WGGD-2, QFN-32 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, SOIC-20
|
Atmel, Corp.
|
ATTINY24A-MFR ATMEGA8-16ANR ATMEGA8-16AU ATMEGA8-1 |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC20 8-bit Atmel with 8KBytes In-System PRogrammable Flash High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL CORP ATMEL Corporation
|
ATMEGA165PA-MCHR ATMEGA165PA-MUR ATMEGA325PA-MU AT |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC64 7 X 7 MM, 1 MM HEIGHT, GREEN, QFN-64 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC64 9 X 9 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VMMD, MLF-64 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC64 9 X 9 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VMMD, MLF-64 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 14 X 14 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026AEB, TQFP-64
|
Atmel, Corp.
|
ATMEGA8L-8AL ATMEGA8L-8ML |
8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM HEIGHT, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, MO-220VHHD-2, MLF-32
|
Atmel, Corp.
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
M32192F8TWG M32192F8UFP M32192F8UWG M32192F8VFP |
32-BIT, FLASH, 160 MHz, RISC MICROCONTROLLER, PBGA224 13 X 13 MM, 0.80 MM PITCH, PLASTIC, LFBGA-224 32-BIT, FLASH, 160 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, 0.50 MM PITCH, PLASTIC, LQFP-144 32-BIT, FLASH, 128 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, 0.50 MM PITCH, PLASTIC, LQFP-144
|
Renesas Electronics, Corp.
|
|